Part Number Hot Search : 
HCC40 BLM15A BAS21 IRFU3 BSERIES G2SBA05 C4072D 18602257
Product Description
Full Text Search
 

To Download C8051F226 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F226
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU
Analog Peripherals
8-Bit ADC
High-Speed 8051 C Core
-
-
1/2 LSB INL; no missing codes Programmable throughput up to 100 ksps 32 external inputs (each port I/O can be configured as an ADC input onthe-fly) Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5 Data-dependent windowed interrupt generator VREF from external pin or VDD Programmable hysteresis Configurable to generate interrupts or reset
Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks Up to 25 MIPS throughput with 25 MHz system clock Expanded interrupt handler; up to 21 interrupt sources 1280 bytes data RAM 8 kB Flash; in-system programmable in 512 byte sectors (512 bytes are reserved) 32 port I/O; all are 5 V tolerant Hardware SPITM and UART serial ports available concurrently 3 general-purpose 16-bit counter/timers Dedicated watchdog timer; bidirectional reset Internal programmable oscillator: 2-16 MHz External oscillator: Crystal, RC, C, or Clock Can switch between clock sources on-the-fly Typical operating current: 9 mA at 25 MHz Typical stop mode current: <0.1 uA
Memory
Two comparators
Digital Peripherals
VDD Monitor and Brown-out Detector
On-Chip JTAG Debug
On-chip emulation circuitry facilitates full-speed, non-intrusive, in-circuit emulation Supports breakpoints, single stepping, watchpoints, inspect/modify memory, and registers Superior performance to emulation systems using ICE-chips, target pods, and sockets Fully compliant with IEEE 1149.1 specification
Clock Sources
Supply Voltage: 2.7 to 3.6 V
48-Pin TQFP - Temperature Range: -40 to +85 C
VDD VDD GND GND NC NC NC
Analog/Digital Power
Port 0 Latch UART Timer 0 Timer 1 Timer 2
P 0 M U X
P 0 D r v
P0.0/TX P0.1/RX P0.2//INT0 P0.3//INT1 P0.4/T0 P0.5/T1 P0.6/T2 P0.7/T2EX
TCK TMS TDI TDO RST
JTAG Logic
Debug HW
Reset
8 0 5 1 C o r e
8 kB FLASH 256 byte RAM 1024 byte XRAM
Port 1 Latch
CP0 CP0+
CP0
P 1 M U X
P 1 D r v
CP0CP1+
CP1
CP1
P1.0/CP0+ P1.1/CP0P1.2/CP0 P1.3/CP1+ P1.4/CP1P1.5/CP1 P1.6/SYSCLK P1.7
MONEN
VDD Monitor External Oscillator Circuit Internal Oscillator
CP1SYSCLK
WDT
XTAL1 XTAL2
SFR Bus
Port 2 Latch SPI
P 2 M U X
P 2 D r v P 3
System Clock
P2.0/NSS P2.1/MISO P2.2/MOSI P2.3/SCK P2.4 P2.5 P2.6 P2.7 P3.0 P3.1 P3.2 P3.3 P3.4 P3.5 P3.6 P3.7
Port 3 Latch
D r v
8-bit 100 ksps ADC
VDD
PGA
A M U X
AIN0-AIN31
VREF
General Purpose
Copyright (c) 2004 by Silicon Laboratories
6.15.2004
C8051F226
25 MIPS, 8 kB Flash, 8-Bit ADC, 48-Pin Mixed-Signal MCU Selected Electrical Specifications
(TA = -40 to +85 C, VDD = 2.7 V unless otherwise specified unless otherwise specified)
PARAMETER CONDITIONS GLOBAL CHARACTERISTICS Digital Supply Voltage Digital Supply Current Clock = 25 MHz with CPU active Clock = 1 MHz Clock = 32 kHz; VDD Monitor Disabled Digital Supply Current Oscillator not running; VDD Monitor (shutdown) Enabled Oscillator not running; VDD Monitor Disabled Digital Supply RAM Data Retention Voltage CPU & DIGITAL I/O PORTS Clock Frequency Range Port Output High Voltage IOH = -3 mA, Port I/O push-pull Port Output Low Voltage IOL = 8.5 mA Input High Voltage Input Low Voltage SPI Bus Clock Frequency fCLK=MCU Clock; SPI in Master Mode A/D CONVERTER Resolution Integral Nonlinearity Differential Nonlinearity Guaranteed Monotonic Signal to Noise Ratio Throughput Rate Input Voltage Range COMPARATORS Response Time | CP+ - CP- | = 100 mV Input Voltage Range Input Bias Current Input Offset Voltage MIN 2.7 9 0.4 11 7 0.1 1.5 DC VDD - 0.7 0.8 x VDD 0.2 x VDD fCLK/2 8 1/2 1/2 49 0 4 -0.25 -5 -10 0.001 VDD + 0.25 +5 +10 100 VREF 25 0.6 TYP MAX 3.6 UNITS V mA mA A A A V MHz V V V V MHz bits LSB LSB dB ksps V s V nA mV
Package Information
D D1
C8051F226DK Development Kit
MIN NOM MAX (mm) (mm) (mm)
A
E1 E
-
-
1.20 0.15
A1 0.05
A2 0.95 1.00 1.05 b
48 PIN 1 IDENTIFIER A2
0.17 0.22 0.27 9.00 7.00 0.50 9.00 7.00 -
D D1
1 e
e E
A b A1
E1
General Purpose
Copyright (c) 2004 by Silicon Laboratories
6.15.2004
Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders


▲Up To Search▲   

 
Price & Availability of C8051F226

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X